|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR FEATURES LOW PROFILE PACKAGE TOLERANCE AND STABILITY TO 2.5 PPM LOW COST SPECIFICATIONS SERIES FREQUENCY RANGE FREQUENCY STABILITY OVER OPERATING TEMPERATURE RANGE RTXO-781 9.00 MHz TO 24.00 MHz 1.50 MHz TO 24.00 MHz SERIES RTX-781 C: 1.5 PPM D: 2.0 PPM E: 2.5 PPM JZ: -10C TO 70C LZ: -20C TO 70C F1: -30C TO 75C 0.5 PPM AT 5.0 VDC 5% 0.5 PPM AT 10 KOHM // 10 pF 1 PPM PER YEAR -40C TO 85C +5.0 VDC 5% 5.0 mA MAX 15.0 mA MAX OPERATING TEMPERATURE RANGE FREQUENCY STABILITY VS. SUPPLY VOLTAGE VARIATION FREQUENCY STABILITY VS. LOAD VARIATION AGING STORAGE TEMPERATURE RANGE VOLTAGE INPUT CURRENT WAVEFORM OUTPUT LEVEL LOAD FREQUENCY ADJUSTMENT CLIPPED SINEWAVE +1.0 V p-p 10 K OHM // 10 pF HCMOS 10 TTL OR 15 pF 3 PPM MIN BY INTERNAL TRIMMER OUTLINE DRAWING Scale none Dimension in 3.10 DIA .122 DIA MARKING AREA mm inch 6.20 .244 8.70 MAX .343 MAX 5.0 .197 4.0 .157 0.5 DIA .019 DIA 4.0 .157 1.0 .039 1 15.54 .612 PIN CONNECTION 7.92 .312 PIN 1 2 3 FUNCTION GND OUTPUT VCC 11.90 .469 3 18.30 .720 2 PART NUMBERING SYSTEM TYPE REVISION RTX TBD* 781 SERIES FREQUENCY STABILITY C: 1.5 PPM D: 2.0 PPM E: 2.5 PPM TEMPERATURE RANGE JZ: -10C TO +70C LZ: -20C TO +70C F1: -30C TO +75C WAVEFORM S: CLIPPED SINE C: HCMOS IN MHz FREQUENCY EXAMPLE: RTX*-781EF1S-18.432 Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A. Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com .098 2.5 0.5 .020 |
Price & Availability of RTXO-781 |